Part Number Hot Search : 
SDZ13VG ULLGA8 MAX1912 TND524VS 5KE200A ZXSC440 2SA201 MAX6602
Product Description
Full Text Search
 

To Download LA6563 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN*7887
LA6563
Overview Features
Monolithic Linear IC
4CH Bridge (BTL) Driver for CD
The LA6563 is a 4CH bridge (BTL) driver for CD players.
* Built-in bridge connection (BTL) POWER AMP 4CH * IO max 1A * MUTE circuit (main power is ON/OFF) with 3 systems * Built-in STBY circuit (all circuits are OFF) * Provides bias voltage (VREF) switching function (Select external or internal reference voltage. Internal reference voltage is 2.5V: TYP.) * Output voltage (dynamic range) is high. (6V: TYP)
Specifications
Maximum Ratings at Ta = 25C
Parameter Power supply voltage Symbol VCC max VS max Pd max VINB IO max VMUTE Topr Tstg Each BTL-AMP of CH1 to CH4 VCC = VS *1 VCC = VS *1 Independent IC*2 Allowable power dissipation Maximum input voltage Maximum output current MUTE pin voltage Operating temperature Storage temperature Specific board (114.3mm x 76.1mm x 1.6mm, glass epoxy resin) *2 Conditions Ratings 14 14 0.8 2.0 13 1 13 -30 to +85 -55 to +150 W V A V C C Unit V V
*1 VCC and VS must be shorted externally to use. VCC: signal system power supply, VS: power system supply. *2 For information about allowable power dissipation, refer to the reference data of previous models. For more information, it will be described after completing the sample. Recommended Operating Conditions at Ta = 25C
Parameter Power supply voltage Symbol VCC VCC = VS Conditions Ratings 4 to 13 Unit V
61004 JO IM No.7887-1/3
LA6563
Electrical Characteristics at Ta = 25C, VCC = VS = 8V, VREF = 1.65V, VREF-SW = 3.3V, MUTE1 = MUTE2 = MUTE3 = 3.3V, unless otherwise specified
Parameter [Whole] No-load current consumption 1 No-load current consumption 2 No-load current consumption 3 STBY ON voltage STBY OFF voltage STBY hysteresis voltage [Output AMP block] Output offset voltage Output voltage Closed circuit voltage gain Slew rate MUTE ON voltage MUTE OFF voltage MUTE hysteresis voltage [Input OP-AMP block] Output offset voltage Input voltage range Output current (SINK) Output current (SOURCE) [OP-AMP block] Output offset voltage Input voltage range Output current (SINK) Output current (SOURCE) [VREF-AMP block] VREF-AMP offset voltage Internal VREF voltage VREF input voltage range VREF switch voltage 1 VREF switch voltage 2 VOFF-VREF VREF-CONST 1BIN VSW1 VSW2 Select external reference voltage *5 Select internal reference voltage *5 VREF-SW "H" (For external reference voltage selected) VREF-SW "L" (For internal reference voltage selected) -10 2.3 1 3 1 2.5 10 2.7 VCC-1.5 mV V V V V OP-VOFF OP-VIN OP-SINK OP-SOURCE SINK current SOURCE current For BUFFER -10 0 10 10 10 VCC-1.5 mV V mA mA VIN-OFF VIN-OP VIN-SINK VIN-SOURCE 300 For BUFFER -10 0 2 500 10 VCC-1.5 mV V mA A VOFF VO VG1 SR VMUTE-ON VMUTE-OFF VMUTE-HYS Between (+) and (-) output of each channel RL = 0, Voltage between (+) and (-) output of each channel *1 *2 For output by AMP alone, it must be doubled *3 MUTE *4 MUTE *4 80 5.4 0.5 2 0.5 -50 6 6 6.6 50 mV V times V/s V V mV ICC-ON ICC-OFF ICC-OFF-STBY STBY-ON STBY-OFF STBY-HYS 80 All AMP output ON, MUTE; HI All AMP output OFF, MUTE; LOW All circuits OFF, STBY: L 2 0.5 30 5 45 10 1 mA mA mA V V mV Symbol Conditions Ratings min typ max Unit
*1. Voltage for both ends of the load when connecting the 8 load between outputs. Input is H or L. Output is saturated. *2. Input AMP is 0 dB for BUFFER. *3. Design guaranteed performance. *4. MUTE is HI for output ON and LOW for output OFF (AMP output is OFF, HI impedance). Each MUTE activates independently to a corresponding channel. *5. VREF-SW is set to "H" for switching to external reference voltage and "L" for switching to internal reference voltage.
No.7887-2/3
LA6563
Package Dimensions
unit : mm 3251
PS No.7887-3/3


▲Up To Search▲   

 
Price & Availability of LA6563

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X